|
If you can't view the Datasheet, Please click here to try to view without PDF Reader . |
|
Datasheet File OCR Text: |
Data Sheet Features * * * * * * * * * * * * * * VI-200, VE-200 RoHS compliant (VE-200) Up to 50 W/in3 cULus, cTUVus Up to 90% efficiency Size: 4.6" x 2.4" x 0.5" (116,8 x 61,0 x 12,7mm) Remote sense and current limit OVP, thermal shutdown Logic disable Wide range output adjust Compatible power booster modules ZCS power architecture Low noise FM control CE Marked Isolated output DC-DC Converters 50 to 200 Watts Product Highlights The VI-200 family, with over 14 million units shipped, is Vicor's broad series of "zero-current-switching" component-level DC-DC converters. Operating at frequencies up to 2 MHz, VI-200 family converters offer exceptional power density, efficiency, noise performance, reliability and ease of use. Booster modules (VI-Bxx) provide a simple, cost-effective, off-the-shelf solution for higher power output requirements. One or more boosters may be used to create synchronous arrays capable of supplying several kilowatts of output power. The flexibility of Vicor's power components is also available in half-size, half-power VI-J00 MiniMods. Part Numbering VI -- 2 6 1 -- C W Family VI = Non-RoHS VE = RoHS Series 2 = 200 B = Booster 0 = 12 V V = 24 V 1 = 24 V W = 24 V 2 = 36 V 3 = 48 V Input N = 48 V 4 = 72 V T = 110 V 5 = 150 V 6 = 300 V 7 = 150/300 V Z = 2V Y = 3.3 V 0 = 5V X = 5.2 V W = 5.5 V V = 5.8 V T = 6.5 V R = 7.5 V Output M = 10 V 1 = 12 V P = 13.8 V 2 = 15 V N = 18.5 V 3 = 24 V L = 28 V J = 36 V K = 40 V 4 = 48 V H = 52 V F = 72 V D = 85 V B = 95 V Grade E = -10 to 85C C = -25 to 85C I = - 40 to 85C M = -55 to 85C 5V Power < 5V U = 40 A V = 30 A W = 20 A X = 15 A Y = 10 A U = 200 W V = 150 W W = 100 W X = 75 W Y = 50 W Note: For additional packaging options, please see page 4. Maximum Power Available for VI-2xx-xx [a] Input Voltage Nom. (Range) 12 (10-20) 24 (10-36) 24 (21-32) 24 (18-36) 36 (21-56) 48 (42-60) 48 (36-76) 72 (55-100) 110 (66-160) 150 (100-200) 150 (100-375) 300 (200-400) [a] [b] Output Transient[b] 22 n/a 36 n/a 60 72 n/a 110 n/a 215 n/a 425 Vin 2 Designators Z 0 V 1 W 2 3 N 4 T 5 7 6 X -U V W U V U V U W U 3.3 Y X X U V V U U U V U W U 5 0 X Y U V W U U U V V Y U Vout Designators 5.2 5.5 5.8 6.5 7.5 10 12 13.8 15 18.5 24 28 36 X X Y U V W U U U V V Y U W X Y U V W U U U V V Y U V X Y U V W U U U V V Y U T X Y V W W U U V W V W V R X X V W W U U V W V W V M X X U V W U U U V U W U 1 X X U V W U U U V U W U P X X U V W U U U V U W U 2 X X U V W U U U V U W U N X X U V W U U U V U W U 3 X X U V W U U U V U W U L X X U V W U U U V U W U J X X U V W U U U V U W U 40 48 52 72 85 95 K X X U V W U U U V U W U 4 X X U V W U U U V U W U H X -U V W U U U V U W U F X -U V -U U U V U -U D X -U V -U U U -U -U B X -U V -U U U -U -U Low Line 75% Max Power n/a n/a 18 n/a 18 36 n/a 45 n/a 85 90 170 For additional output power, "booster" modules are available. (VI-Bxx-xx) Transient voltage for 1 second. Vicor Corp. Tel: 800-735-6200, 978-470-2900 Fax: 978-475-6715 VI-200 DC-DC Converters 50 to 200 Watts Rev. 2.9 Page 1 of 5 Set your site on VICOR at vicorpower.com CONVERTER SPECIFICATIONS (typical at TBP = 25C, nominal line and 75% load, unless otherwise specified) INPUT SPECIFICATIONS VI-200 E-Grade Parameter Inrush charge Input reflected ripple current - pp Input ripple rejection Min Typ 120 x 10 10% 25+20 Log Vin -6 VI-200 C-, I-, M-Grade Max Min Typ 120 x 10 10% -6 Max 200 x 10 -6 Units Coulombs IIN dB dB Test Conditions Nominal line Nominal line, full load 120 Hz, nominal line 2400 Hz, nominal line () Vout () 20+20 Log ( Vin ) 30+20 Log Vin Vout Vout No load power dissipation 1.35 2 1.35 2 Watts OUTPUT CHARACTERISTICS VI-200 E-Grade Parameter Setpoint accuracy Load/line regulation Load/line regulation Output temperature drift Long term drift Output ripple - pp: 2 V, 3.3 V 5V 10 - 95 V Trim range[a] Total remote sense compensation OVP set point Current limit Short circuit [a] VI-200 C-, I-, M-Grade Max 2% 0.5% 1% Min Typ 0.5% 0.05% 0.2% 0.01 0.02 150 5% 3% 60 2% 0.75% 50% 0.5 100 3% 1.5% 110% Max 1% 0.2% 0.5% 0.02 Units VNOM VNOM VNOM % / C %/1K hours mV VNOM VNOM VNOM Volts 125%[b] 135% 125% 130% VNOM INOM INOM 0.25 V max. neg. leg Recycle power Automatic restart 20 MHz bandwidth 20 MHz bandwidth 20 MHz bandwidth LL to HL, 10% to Full Load LL to HL, No Load to 10% Over rated temp. Test Conditions Min Typ 1% 0.02 0.02 50% 0.5 125%[b] 105% current [c] 20% 110% 115% 135% 140% 105% 20% [b] [c] 10 V, 12 V, 13.8 V, 15 V outputs, or "V" input range have standard trim range 10%. Consult factory for wider trim range. 3.3 V output trim range 2.20 to 3.63 V, 95 V output -50 + 0% trim range. 131% nominal for booster modules. Output voltages of 3.3 V or 5 V incorporate foldback current limiting; For output voltages from 5.2 V to 7.5 V consult factory; All other outputs provide constant current limiting. CONTROL PIN SPECIFICATIONS VI-200 E-Grade Parameter Gate out impedance Gate in impedance Gate in open circuit voltage Gate in low threshold Gate in low current Power sharing accuracy 0.95 0.65 6 1.05 0.95 Min Typ 50 1000 6 0.65 6 1.05 Max Min VI-200 C-, I-, M-Grade Typ 50 1000 6 Max Units Ohms Ohms Volts Volts mA Use open collector Test Conditions Vicor Corp. Tel: 800-735-6200, 978-470-2900 Fax: 978-475-6715 VI-200 DC-DC Converters 50 to 200 Watts Rev. 2.9 Page 2 of 5 Set your site on VICOR at vicorpower.com CONVERTER SPECIFICATIONS (cont.) DIELECTRIC WITHSTAND CHARACTERISTICS VI-200 E-Grade Parameter Input to output Output to baseplate Input to baseplate Min 3,000 500 1,500 Typ Max Min 3,000 500 1,500 VI-200 C-, I-, M-Grade Typ Max Units VRMS VRMS VRMS Test Conditions Baseplate earthed THERMAL CHARACTERISTICS VI-200 E-Grade Parameter Efficiency Baseplate to sink thermal impedance Thermal shutdown[d] (Drivers only) [d] VI-200 C-, I-, M-Grade Max Min Typ 80 - 90% 0.07 105 90 95 105 C/Watt C With Vicor P/N 20266 Cool and recycle power to restart Max Units Test Conditions Min Typ 78 - 88% 0.07 90 95 No overtemp protection in booster modules. MECHANICAL SPECIFICATIONS VI-200 E-, C-Grade Parameter Weight Min 5.7 (160.2) Typ 6.3 (178) Max 6.9 (195.8) Min 6.6 (187.2) VI-200 I-, M-Grade Typ 7.3 (208) Max 8.1 (228.8) Units Ounces (Grams) Test Conditions PRODUCT GRADE TEMPERATURES Parameter E C I M Storage -20 to +100 -40 to +100 -55 to +100 -65 to +100 Operating -10 to + 85 -25 to + 85 -40 to + 85 -55 to + 85 Units C C C C Overtemperature shutdown 95C typical (recycle power to restart) Notes Vicor Corp. Tel: 800-735-6200, 978-470-2900 Fax: 978-475-6715 VI-200 DC-DC Converters 50 to 200 Watts Rev. 2.9 Page 3 of 5 Set your site on VICOR at vicorpower.com MECHANICAL DRAWING PACKAGING OPTIONS SlimMod Flangeless package FinMod Flangeless package with integral heat sink MegaMod Chassis mount alternatives, one, two, or three outputs: up to 600 W 4.60"L x 1.80"W x 0.50"H (116,8 x 45,7 x 12,7 mm) To order the SlimMod configuration add the suffix " - S" to the standard module part number. Qty (2) grounding clips are included with each SlimMod P/N 32187 Longitudinal, 0.25" fins -- add suffix "- F1" Longitudinal, 0.50" fins -- add suffix "- F2" 1 up - 4.9 x 2.5 x 0.62 (124,4 x 63,5 x 15,7 mm) 2 up - 4.9 x 4.9 x 0.62 (124,4 x 124,4 x 15,7 mm) 3 up - 4.9 x 7.3 x 0.62 (124,4 x 185,4 x 15,7 mm) BusMod Transverse, 0.25" fins -- add suffix "- F3" Transverse, 0.50" fins -- add suffix "- F4" Available with longitudinal or transverse fins of 0.25" or 0.50" height. Add the appropriate suffix to the module part number. Qty (4) grounding clips are included with each FinMod F1, F2 P/N 32185 F3, F4 P/N 32186 4.60"L x 2.40"W x 1.08"H (116,8 x 61,0 x 27,4 mm) To order the BusMod fully assembled, add suffix "-B1" to the standard module part number. To order the BusMod separately: Full-sized BusMod -- P/N 06322 Vicor Corp. Tel: 800-735-6200, 978-470-2900 Fax: 978-475-6715 VI-200 DC-DC Converters 50 to 200 Watts Rev. 2.9 Page 4 of 5 Set your site on VICOR at vicorpower.com Warranty Vicor products are guaranteed for two years from date of shipment against defects in material or workmanship when in normal use and service. This warranty does not extend to products subjected to misuse, accident, or improper application or maintenance. Vicor shall not be liable for collateral or consequential damage. This warranty is extended to the original purchaser only. EXCEPT FOR THE FOREGOING EXPRESS WARRANTY, VICOR MAKES NO WARRANTY, EXPRESS OR IMPLIED, INCLUDING, BUT NOT LIMITED TO, THE WARRANTY OF MERCHANTABILITY OR FITNESS FOR A PARTICULAR PURPOSE. Vicor will repair or replace defective products in accordance with its own best judgement. For service under this warranty, the buyer must contact Vicor to obtain a Return Material Authorization (RMA) number and shipping instructions. Products returned without prior authorization will be returned to the buyer. The buyer will pay all charges incurred in returning the product to the factory. Vicor will pay all reshipment charges if the product was defective within the terms of this warranty. Information published by Vicor has been carefully checked and is believed to be accurate; however, no responsibility is assumed for inaccuracies. Vicor reserves the right to make changes to any products without further notice to improve reliability, function, or design. Vicor does not assume any liability arising out of the application or use of any product or circuit; neither does it convey any license under its patent rights nor the rights of others. Vicor general policy does not recommend the use of its components in life support applications wherein a failure or malfunction may directly threaten life or injury. Per Vicor Terms and Conditions of Sale, the user of Vicor components in life support applications assumes all risks of such use and indemnifies Vicor against all damages. Vicor's comprehensive line of power solutions includes high density AC-DC and DC-DC modules and accessory components, fully configurable AC-DC and DC-DC power supplies, and complete custom power systems. Information furnished by Vicor is believed to be accurate and reliable. However, no responsibility is assumed by Vicor for its use. Vicor components are not designed to be used in applications, such as life support systems, wherein a failure or malfunction could result in injury or death. All sales are subject to Vicor's Terms and Conditions of Sale, which are available upon request. Specifications are subject to change without notice. Intellectual Property Notice Vicor and its subsidiaries own Intellectual Property (including issued U.S. and Foreign Patents and pending patent applications) relating to the products described in this data sheet. Interested parties should contact Vicor's Intellectual Property Department. Vicor Corporation 25 Frontage Road Andover, MA, USA 01810 Tel: 800-735-6200 Fax: 978-475-6715 email Customer Service: custserv@vicorpower.com Technical Support: apps@vicorpower.com Vicor Corp. Tel: 800-735-6200, 978-470-2900 Fax: 978-475-6715 VI-200 DC-DC Converters 50 to 200 Watts Rev. 2.9 8/09 Set your site on VICOR at vicorpower.com |
Price & Availability of VI-B2X-CW |